Part Number Hot Search : 
A223M EX24016 2C500A MH89770 B5117 16802 12121 MAX168
Product Description
Full Text Search
 

To Download N800202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p.c.b. mounting title scale date dr dwg rev the information contained in this document is propr ietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by kae02lggt 12/12/2012 N800202 a ebp 1 1 2 4 1 3 circuit - 2 position 2 4 1 3 3.05 [.120 in] 6.12 [.241 in] 6.30 [.248 in] 1.00 [.039 in] travel a 20919 released for production 12/12/12 ebp notes: 1. all dimensions in mm [inch]. 2. general tolerance: x.x=0.4 x.xx=0.25 3. term. nos. for reference only. 4. contact ratings: 25ma @24vdc. (switch) 100ma @50vdc. ( carry) 5. contact material: contacts: (movable) copper w/gold plate. terminals: brass w/gold plate. 6. insulation resistance; 100 m min. @500vdc. 7. contact resistance; 50 m max initial. 8. operating temp: -20 ~ c to +85 ~ c. 9. storage temp: -40 ~ c to +85 ~ c. 10. electrical life: 2000 cycles. 11. package: tube (76 per tube) with all poles in the "off" position. 12. denotes critical parameter. 13. dielectric strength: 500vac min for 1 minute. 14. operating force: 1000 grams max. 15. 2002/95/ec (rohs) compliant. pos. 1 designate pin #1 location 7.40 [.291 in] 10.40 [.409 in] 1.10 [.043 in] 2.54 [.100 in] .70 min [.028 in] 3.75 [.148 in] 2.54 [.100 in] .50 [.020 in] .70 [.028 in] 9.8 ` .3 .39 ` .01 in [ ] 1.00 [.039 in]


▲Up To Search▲   

 
Price & Availability of N800202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X